PART |
Description |
Maker |
ADP7102ARDZ-1.5-R7 ADP7102ARDZ-1.8-R7 ADP7102ARDZ- |
20 V, 300 mA, Low Noise, CMOS LDO
|
Analog Devices
|
MIC5252 MIC5252-1.8BM5 MIC5252-2.5BM5 MIC5252-2.85 |
150MA HIGH PSRR LOW NOISE UCAP CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150MA HIGH PSRR LOW NOISE UCAP CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, DSO6 Dual 3A Non-Synchronous Buck Converter with Integrated High Side MOSFET, 300 kHz 14-HTSSOP -40 to 125
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
ISL9011IRLLZ ISL9011IRLBZ ISL9011IRKNZ ISL9011IRKK |
Dual LDO with Low Noise, Low IQ, and High PSRR DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 Dual LDO with Low Noise, Low IQ, and High PSRR 双路LDO稳压器具有低噪音,低智商,及高PSRR CAC 7C 7#16S SKT PLUG Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Body Diameter:10mm; Capacitance:470uF RoHS Compliant: Yes
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AP13015RLA AP13015WA AP13015WL AP13015WLA AP13015Z |
4.5 V; 300 mA low dropout (LDO) linear regulator 4.0 V; 300 mA low dropout (LDO) linear regulator 1.8 V; 300 mA low dropout (LDO) linear regulator 4.3 V; 300 mA low dropout (LDO) linear regulator 2.9 V; 300 mA low dropout (LDO) linear regulator 3.2 V; 300 mA low dropout (LDO) linear regulator 4.8 V; 300 mA low dropout (LDO) linear regulator 3.8 V; 300 mA low dropout (LDO) linear regulator 4.2 V; 300 mA low dropout (LDO) linear regulator 2.3 V; 300 mA low dropout (LDO) linear regulator 2.4 V; 300 mA low dropout (LDO) linear regulator 1.5 V; 300 mA low dropout (LDO) linear regulator 1.6 V; 300 mA low dropout (LDO) linear regulator 2.6 V; 300 mA low dropout (LDO) linear regulator 2.7 V; 300 mA low dropout (LDO) linear regulator 300mA Low Dropout (LDO) Linear Regulator 2.8 V; 300 mA low dropout (LDO) linear regulator 3.7 V; 300 mA low dropout (LDO) linear regulator 4.4 V; 300 mA low dropout (LDO) linear regulator 2.1 V; 300 mA low dropout (LDO) linear regulator 3.3 V; 300 mA low dropout (LDO) linear regulator 4.7 V; 300 mA low dropout (LDO) linear regulator 3.5 V; 300 mA low dropout (LDO) linear regulator 4.9 V; 300 mA low dropout (LDO) linear regulator 2.0 V; 300 mA low dropout (LDO) linear regulator 3.1 V; 300 mA low dropout (LDO) linear regulator 2.2 V; 300 mA low dropout (LDO) linear regulator 4.6 V; 300 mA low dropout (LDO) linear regulator 3.6 V; 300 mA low dropout (LDO) linear regulator 4.1 V; 300 mA low dropout (LDO) linear regulator
|
ANACHIP[Anachip Corp]
|
UEP2A222MDD UEP2A221MED.PD UEP2A221MHD UEP2A332MED |
5 V / 150 mA LDO w/ Reset, Delay, Adjustable Reset and Early Warning USB Positive Overvoltage Protection Controller Overvoltage Protection Device 200 mA, Ultra-Low Noise, High PSSR, BiCMOS RF LDO Regulator Wide Bandwidth, 4-Channel 2:1 Video Switch Dual Output, High Accuracy, Low Dropout Regulator 1.5A Ultra-low Voltage Fast Transient Response Low Dropout Regulator 铝电解电容器 ALUMINUM ELECTROLYTIC CAPACITORS 铝电解电容器 ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, NON-POLARIZED, 25 V, 1000 uF, THROUGH HOLE MOUNT 80 mA CMOS Low Iq, Low-Dropout Voltage Regulator 铝电解电容器 Post Driver Regulator 铝电解电容器 150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable 铝电解电容器 500mA CMOS LDO 铝电解电容器 100 mA, 5.0V, LDO w/ Reset, Delay, and Early Warning 铝电解电容器 3.4 A, Step-Up/Step-Down/Inverting Switching Regulator (50-300 kHz) (ext temp - Auto) 铝电解电容器
|
Nichicon Corporation Nichicon, Corp. Microchip Technology, Inc.
|
ISL6411IR ISL6411 ISL6411IRZ |
Triple Output/ Low-Noise LDO Regulator with Integrated Reset Circuit Linear Regulator, Triple LDO with uP Reset & Sequencing, Ultra Low Noise, 2.7 to 3.8V Input, Fixed Output 1.8V/2.84V/2.84V Triple Output Low-Noise LDO Regulator with Integrated Reset Circuit Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
|
INTERSIL[Intersil Corporation]
|
LT1963-1.8 LT1963-3.3 LT1963-1.5 |
1.5A, Low Noise, Fast Transient Response LDO Regulators(1.8V输出,1.5A,低噪快速瞬变响低压差输出稳压器) 1.5A, Low Noise, Fast Transient Response LDO Regulators(3.3V输出,1.5A,低噪快速瞬变响低压差输出稳压器) 1.5A, Low Noise, Fast Transient Response LDO Regulators(13V输出,1.5A,低噪快速瞬变响低压差输出稳压器) 1.5A, Low Noise, Fast Transient Response LDO Regulators(1.5V输出,1.5A,低噪快速瞬变响低压差输出稳压器)
|
Linear Technology Corporation
|
BYT230PIV1000 BYT231PIV1000 |
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible Ultra low drop-low noise BiCMOS 300 mA volt. reg. for use with very low ESR output capacitor 与独立二极管组成的阵列|的SOT - 227B
|
STMicroelectronics N.V.
|
AM-153PIN |
JT 18C 18#20 PIN RECP Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz Low Noise Amplifier/ 12 dB Gain/ 300 - 1800 MHz
|
Tyco Electronics
|
ISL9021IRUWZ-T ISL9021IRUPZ-T ISL9021IRUYZ-T ISL90 |
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO; Temperature Range: -40°C to 85°C; Package: 6-uTDFN T&R FIXED POSITIVE LDO REGULATOR, PDSO6 FIXED POSITIVE LDO REGULATOR, PBGA4
|
Intersil Corporation http:// Intersil, Corp. Vicor, Corp.
|